công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 581 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 581 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 577Page - Renesas Technology Corp H8S/2437 Datasheet HTML 578Page - Renesas Technology Corp H8S/2437 Datasheet HTML 579Page - Renesas Technology Corp H8S/2437 Datasheet HTML 580Page - Renesas Technology Corp H8S/2437 Datasheet HTML 581Page - Renesas Technology Corp H8S/2437 Datasheet HTML 582Page - Renesas Technology Corp H8S/2437 Datasheet HTML 583Page - Renesas Technology Corp H8S/2437 Datasheet HTML 584Page - Renesas Technology Corp H8S/2437 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 746 page
background image
Rev. 1.00, 09/03, page 543 of 704
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
Unused
Return 0.
2
SS
R/W
Source Select Error Detect
Only one type of the on-chip program which can be
downloaded can be specified. When more than two
types of programs are selected, the program is not
selected, or the program is selected without being
mapped, an error occurs.
0: Download program can be selected normally
1: Download error occurred (multiple selection or
program which is not mapped is selected)
1
FK
R/W
Flash Key Register Error Detect
Returns the check result whether the value of FKEY is
set to H'A5.
0: FKEY setting is normal (FKEY = H'A5)
1: Setting value of FKEY becomes error (FKEY = value
other than H
′A5)
0
SF
R/W
Success/Fail
Returns the result whether download is ended normally
or not. The determination result whether program that is
downloaded to the on-chip RAM is read back and then
transferred to the on-chip RAM is returned.
0: Downloading on-chip program is ended normally (no
error)
1: Downloading on-chip program is ended abnormally
(error occurs)
(2) Programming/Erasing Initialization
The on-chip programming/erasing program to be downloaded includes the initialization program.
The specified period pulse must be applied when programming or erasing. The specified pulse
width is made by the method in which wait loop is configured by the CPU instruction. The
operating frequency of the CPU must be set.
The initialization program is set as a parameter of the programming/erasing program which has
downloaded these settings.
(a) Flash Program/Erase Frequency Parameter (FPEFEQ: General Register ER0 of CPU)
FPEFEQ sets the operating frequency of the CPU. The settable range of the operating frequency in
this LSI is 5 to 20 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com