công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 43Page - Renesas Technology Corp H8S/2437 Datasheet HTML 44Page - Renesas Technology Corp H8S/2437 Datasheet HTML 45Page - Renesas Technology Corp H8S/2437 Datasheet HTML 46Page - Renesas Technology Corp H8S/2437 Datasheet HTML 47Page - Renesas Technology Corp H8S/2437 Datasheet HTML 48Page - Renesas Technology Corp H8S/2437 Datasheet HTML 49Page - Renesas Technology Corp H8S/2437 Datasheet HTML 50Page - Renesas Technology Corp H8S/2437 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 746 page
background image
Rev. 1.00, 09/03, page 9 of 704
1.3.3
Pin Functions
Table 1.2
Pin Functions
Type
Symbol
Pin No.
I/O
Name and Function
VCC
16, 31,
83, 115
Input
Power supply pins. Connect all these pins to the
system power supply.
VCL
30
Input
External capacitance pin for internal step-down
power. Connect this pin to Vss through an
external capacitor (that is located near this pin)
to stabilize internal step-down.
Power
supply
VSS
13, 29,
34, 53,
86, 118
Input
Ground pins. Connect all these pins to the
system power supply (0V).
Clock
XTAL
33
Input
EXTAL
32
Input
For connection to a crystal resonator. An
external clock can be supplied from the EXTAL
pin. For an example of crystal resonator
connection, see section 21, Clock Pulse
Generator.
φ
21
Output Supplies the system clock to external devices.
Operating
mode control
MD2
MD1
MD0
25
24
23
Input
These pins set the operating mode. Inputs at
these pins should not be changed during
operation.
System
control
RES
28
Input
Reset pin. When this pin is low, the chip is reset.
STBY
37
Input
When this pin is low, a transition is made to
hardware standby mode.
FWE
26
Input
Pin for use by flash memory.
Address bus A15 to A8
A7 to A0
107 to 114,
116, 117,
119 to 124
Output Address output pins
Data bus
D15 to D8
D7 to D0
125 to 4
5 to 12
I/O
Bidirectional data bus
AD15 to AD8
107 to 114 I/O
Upper 8-bit, 16-bit bus
Address/
data
multiplex
bus
AD7 to AD0
116, 117,
119 to 124
I/O
Lower 16-bit bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com