công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 96 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 96 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 92Page - Renesas Technology Corp H8S/2437 Datasheet HTML 93Page - Renesas Technology Corp H8S/2437 Datasheet HTML 94Page - Renesas Technology Corp H8S/2437 Datasheet HTML 95Page - Renesas Technology Corp H8S/2437 Datasheet HTML 96Page - Renesas Technology Corp H8S/2437 Datasheet HTML 97Page - Renesas Technology Corp H8S/2437 Datasheet HTML 98Page - Renesas Technology Corp H8S/2437 Datasheet HTML 99Page - Renesas Technology Corp H8S/2437 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 746 page
background image
Rev. 1.00, 09/03, page 58 of 704
4.2
Exception Sources and Exception Vector Table
Different vector addresses are assigned to different exception sources. Table 4.2 lists the exception
sources and their vector addresses. Since the usable modes differ depending on the product, for
details on each product, refer to section 3, MCU Operating Modes.
Table 4.2
Exception HandlingVector Table
Vector Address*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced Mode
Power-on reset
0
H'0000 to H'0001
H'0000 to H'0003
Manual reset*
3
1
H'0002 to H'0003
H'0004 to H'0007
Reserved for system use
2
H'0004 to H'0005
H'0008 to H'000B
3
H'0006 to H'0007
H'000C to H'000F
4
H'0008 to H'0009
H'0010 to H'0013
Trace
5
H'000A to H'000B
H'0014 to H'0017
Interrupt (direct transition)*
3
6
H'000C to H'000D
H'0018 to H'001B
Interrupt (NMI)
7
H'000E to H'000F
H'001C to H'001F
Trap instruction (#0)
8
H'0010 to H'0011
H'0020 to H'0023
(#1)
9
H'0012 to H'0013
H'0024 to H'0027
(#2)
10
H'0014 to H'0015
H'0028 to H'002B
(#3)
11
H'0016 to H'0017
H'002C to H'002F
Reserved for system use
12
H'0018 to H'0019
H'0030 to H'0033
13
H'001A to H'001B
H'0034 to H'0037
14
H'001C to H'001D
H'0038 to H'003B
15
H'001E to H'001F
H'003C to H'003F
External interrupt IRQ0
16
H'0020 to H'0021
H'0040 to H'0043
IRQ1
17
H'0022 to H'0023
H'0044 to H'0047
IRQ2
18
H'0024 to H'0025
H'0048 to H'004B
IRQ3
19
H'0026 to H'0027
H'004C to H'004F
IRQ4
20
H'0028 to H'0029
H'0050 to H'0053
IRQ5
21
H'002A to H'002B
H'0054 to H'0057
IRQ6
22
H'002C to H'002D
H'0058 to H'005B
IRQ7
23
H'002E to H'002F
H'005C to H'005F
Internal interrupt*
4
24
127
H'0030 to H'0031
H'00FE to H'00FF
H'0060 to H'0063
H'01FC to H'01FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com