công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 48 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 48 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 44Page - Renesas Technology Corp H8S/2437 Datasheet HTML 45Page - Renesas Technology Corp H8S/2437 Datasheet HTML 46Page - Renesas Technology Corp H8S/2437 Datasheet HTML 47Page - Renesas Technology Corp H8S/2437 Datasheet HTML 48Page - Renesas Technology Corp H8S/2437 Datasheet HTML 49Page - Renesas Technology Corp H8S/2437 Datasheet HTML 50Page - Renesas Technology Corp H8S/2437 Datasheet HTML 51Page - Renesas Technology Corp H8S/2437 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 746 page
background image
Rev. 1.00, 09/03, page 10 of 704
Type
Symbol
Pin No.
I/O
Name and Function
Bus control
WAIT
22
Input
Requests insertion of a wait state in the bus
cycle when accessing an external 3-state
address space.
RD
18
Output This pin is low when the external address space
is being read.
HWR
19
Output This pin is low when the external address space
is to be written to, and the upper half of the data
bus is enabled.
LWR
14
Output This pin is low when the external address space
is to be written to, and the lower half of the data
bus is enabled.
AS
20
Output This pin is low when address output on the
address bus is valid.
CS3 to CS1
91, 15, 17
Output Chip select signals for areas 3 to 1.
AH
20
Output Address latch signal for address/data multiplex
bus.
NMI
27
Input
Nonmaskable interrupt request input pin
IRQ7 to IRQ0 76 to 73
52 to 49
Interrupts
ExIRQ7 to
ExIRQ0
70 to 67
1 to 4
Input
These pins request a maskable interrupt.
Selectable to which pin of IRQn or ExIRQn to
input IRQ7 to IRQ0 interrupts.
ETRST*2
39
Input
ETMS
35
Input
ETDO
40
Output
ETDI
38
Input
On-chip
emulator
ETCK
36
Input
Interface pins for the on-chip emulator.
Reset by holding the
ETRST pin to low when
activating the H-UDI. At this time, the
ETRST pin
should be held low for 20 clocks of ETCK. For
details, see section 24, Electrical
Characteristics. Then, to activate the H-UDI, the
ETRST pin should be set to 1 and desired
values should be set to the ETCK, ETMS, and
ETDI pins. When in the normal operation without
activating the H-UDI, the
ETRST, ETCK, ETMS,
and ETDI pins should be set to 1 or high-
impedance. Since these pins are internally
pulled up, care should be taken in the standby
state.
PW7 to PW0
116, 117,
119, 124
8-bit PWM
timer (PWM)
ExPW7 to
ExPW0
97, 98,
48, 47,
76 to 73
Output Pulse output pins for the PWM timer.
Selectable from which pin of PWn or ExPWn to
output PW5 to PW0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com