công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 47Page - Renesas Technology Corp H8S/2437 Datasheet HTML 48Page - Renesas Technology Corp H8S/2437 Datasheet HTML 49Page - Renesas Technology Corp H8S/2437 Datasheet HTML 50Page - Renesas Technology Corp H8S/2437 Datasheet HTML 51Page - Renesas Technology Corp H8S/2437 Datasheet HTML 52Page - Renesas Technology Corp H8S/2437 Datasheet HTML 53Page - Renesas Technology Corp H8S/2437 Datasheet HTML 54Page - Renesas Technology Corp H8S/2437 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 746 page
background image
Rev. 1.00, 09/03, page 13 of 704
Type
Symbol
Pin No.
I/O
Name and Function
SCL0, SCL1
SCL2, SCL3
102, 100
103, 105
I/O
I
2C clock input/output pins. These pins can drive
a bus directly with the NMOS open drain output.
I
2C bus
interface 3
(IIC3)
SDA0, SDA1
SDA2, SDA3
101, 99
104, 106
I/O
I
2C data input/output pins. These pins can drive
a bus directly with the NMOS open drain output.
AN15 to AN0
70 to 55
Input
Analog input pins
A/D
converter
ADTRG
87
Input
External trigger input pin to start A/D conversion
AVCC
71
Input
Analog power supply pin for the A/D converter.
When the A/D converter is not used, this pin
should be connected to the system power supply
(+3.3 V).
AVref
72
Input
Reference power supply pin for the A/D
converter. When the A/D converter is not used,
this pin should be connected to the system
power supply (+3.3 V).
AVSS
54
Input
Ground pin for the A/D converter. This pin
should be connected to the system power supply
(0 V).
I/O ports
P07 to P00
70 to 63
Input
Eight input pins
P17 to P10
116, 117,
119 to 124
I/O
Eight input/output pins
P27 to P20
107 to 114 I/O
Eight input/output pins
P37 to P30
125 to 4
I/O
Eight input/output pins
P47 to P40
76 to 73,
52 to 49
I/O
Eight input/output pins
P57 to P50
48 to 41
I/O
Eight input/output pins
P67 to P60
5 to 12
I/O
Eight input/output pins
P77 to P70
62 to 55
Input
Eight input pins
P87 to P80
87 to 90
99 to 102
I/O
Eight input/output pins
P97 to P90
22 to 14
I/O
Eight input/output pins
PA7 to PA0
91 to 98
I/O
Eight input/output pins
PB7 to PB0
85, 84,
82 to 77
I/O
Eight input/output pins
PC7 to PC4*
1
40, 38,
36, 35
Input
Four input pins
PC3 to PC0
106 to 103 I/O
Four input/output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com