| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 583 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 583 Page - Renesas Technology Corp |
|
583 / 746 page ![]() Rev. 1.00, 09/03, page 545 of 704 Bit Bit Name Initial Value R/W Description 7 to 2 Unused Return 0. 1 FQ R/W Frequency Error Detect Returns the check result whether the specified operating frequency of the CPU is in the range of the supported operating frequency. 0: Setting of operating frequency is normal 1: Setting of operating frequency is abnormal 0 SF R/W Success/Fail Indicates whether initialization is completed normally. 0: Initialization is ended normally (no error) 1: Initialization is ended abnormally (error occurs) (3) Programming Execution When flash memory is programmed, the programming destination address on the user MAT and program data must be transferred to the downloaded programming program. 1. The start address of the programming destination in the user MAT must be set to the general register ER1. This parameter is called the flash multipurpose address area parameter (FMPAR). Since program data is always in 128 bytes, the lower eight bits (A7 to A0) must be H'00 or H'80 as the boundary of the programming start address in the user MAT. 2. The program data for the user MAT must be prepared in the consecutive area. The program data must be in the consecutive space which can be accessed by using the MOV.B instruction of the CPU and in other than the flash memory space. When data to be programmed is less than 128 bytes, the 128-byte program data must be prepared by filling with the dummy code H'FF. The start address of the area in which the prepared program data is stored must be set to the general register ER0. This parameter is called the flash multipurpose data destination area parameter (FMPDR). For details on the program processing procedure, see section 20.4.2, User Program Mode. (a) Flash Multipurpose Address Area Parameter (FMPAR: General Register ER1 of CPU) FMPAR sets the start address of the programming destination in the user MAT. When the address in the area other than the flash memory space is set, an error occurs. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |