công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 582 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 582 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 578Page - Renesas Technology Corp H8S/2437 Datasheet HTML 579Page - Renesas Technology Corp H8S/2437 Datasheet HTML 580Page - Renesas Technology Corp H8S/2437 Datasheet HTML 581Page - Renesas Technology Corp H8S/2437 Datasheet HTML 582Page - Renesas Technology Corp H8S/2437 Datasheet HTML 583Page - Renesas Technology Corp H8S/2437 Datasheet HTML 584Page - Renesas Technology Corp H8S/2437 Datasheet HTML 585Page - Renesas Technology Corp H8S/2437 Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 746 page
background image
Rev. 1.00, 09/03, page 544 of 704
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
Unused
These bits should be cleared to 0.
15 to 0
F15 to F0
R/W
Frequency Set
Set the operating frequency of the CPU. With the PLL
multiplication function, set the frequency multiplied. The
setting value must be calculated as the following
methods.
• The operating frequency which is shown in MHz units
must be rounded a number to three decimal places
and be shown in a number of two decimal places.
• The value multiplied by 100 is converted to the binary
digit and is written to FPEFEQ (general register
ER0).
For example, when the operating frequency of the CPU
is 20.000 MHz, the value is as follows.
• The number to three decimal places of 20.000 is
rounded and the value is thus 20.00.
• The formula that 20.00 × 100 = 2000 is converted to
the binary digit and B'0000, B'0111, B'1101, and
B'0000 (H'07D0) are set to ER0.
(b) Flash Pass/Fail Parameter (FPFR: General Register R0L of CPU)
FPFR indicates the return value of the initialization result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com