công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 585 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 585 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 581Page - Renesas Technology Corp H8S/2437 Datasheet HTML 582Page - Renesas Technology Corp H8S/2437 Datasheet HTML 583Page - Renesas Technology Corp H8S/2437 Datasheet HTML 584Page - Renesas Technology Corp H8S/2437 Datasheet HTML 585Page - Renesas Technology Corp H8S/2437 Datasheet HTML 586Page - Renesas Technology Corp H8S/2437 Datasheet HTML 587Page - Renesas Technology Corp H8S/2437 Datasheet HTML 588Page - Renesas Technology Corp H8S/2437 Datasheet HTML 589Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 746 page
background image
Rev. 1.00, 09/03, page 547 of 704
(c) Flash Pass/Fail Parameter (FPFR: General Register R0L of CPU)
FPFR indicates the return value of the program processing result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Returns 0.
6
MD
R/W
Error Detect for Programming Mode Related Setting
Returns the check result that a high level signal is input
to the FWE pin and the error protection state is not
entered. When the low level signal is input to the FWE
pin or the error protection state is entered, 1 is written to
this bit. The state can be confirmed with the FWE and
FLER bits in FCCS. For conditions to enter the error
protection state, see section 20.5.3, Error Protection.
0: FWE and FLER settings are normal (FWE = 1,
FLER = 0)
1: Programming cannot be performed (FWE = 0 or
FLER = 1)
5
EE
R/W
Error Detect During Programming Execution
1 is returned to this bit when the specified data could not
be written because the user MAT was not erased. If this
bit is set to 1, there is a high possibility that the user
MAT is partially reprogrammed. In this case, after
removing the error source, erase the user MAT.
If FMATS is set to H'AA and the user boot MAT is
selected, an error occurs when programming is
performed. In this case, both the user MAT and user
boot MAT are not reprogrammed. Programming of the
user boot MAT should be performed in boot mode or
programmer mode.
0: Programming has ended normally
1: Programming has ended abnormally and
programming result is not guaranteed
4
FK
R/W
Error Detect for Flash Key Register
Returns the check result of the value of FKEY before the
start of the programming processing.
0: FKEY setting is normal (FKEY = H
′5A)
1: FKEY setting error (FKEY = value other than H
′5A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com