công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 589 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 589 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 585Page - Renesas Technology Corp H8S/2437 Datasheet HTML 586Page - Renesas Technology Corp H8S/2437 Datasheet HTML 587Page - Renesas Technology Corp H8S/2437 Datasheet HTML 588Page - Renesas Technology Corp H8S/2437 Datasheet HTML 589Page - Renesas Technology Corp H8S/2437 Datasheet HTML 590Page - Renesas Technology Corp H8S/2437 Datasheet HTML 591Page - Renesas Technology Corp H8S/2437 Datasheet HTML 592Page - Renesas Technology Corp H8S/2437 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 746 page
background image
Rev. 1.00, 09/03, page 551 of 704
Bit
Bit Name
Initial
Value
R/W
Description
2, 1
Unused
Return 0.
0
SF
R/W
Success/Fail
Indicates whether the erasing processing is ended
normally or not.
0: Erasure is ended normally (no error)
1: Erasure is ended abnormally (error occurs)
20.4
On-Board Programming Mode
When the pin is set in on-board programming mode and the reset start is executed, the on-board
programming state that can program/erase the on-chip flash memory is entered. On-board
programming mode has three operating modes: boot mode, user program mode, and user boot
mode.
For details on the pin setting for entering each mode, see table 20.5. For details on the state
transition of each mode for flash memory, see figure 20.2.
Table 20.5
Setting On-Board Programming Mode
Mode Setting
FWE
MD2
MD1
MD0
Boot mode
1
0
0
1
User program mode
1*
1
1
1
User boot mode
1
1
0
1
Note:
*
Before downloading the programming/erasing programs, the FLSHE bit must be set to
1 to make a transition to user program mode.
20.4.1
Boot Mode
Boot mode executes programming/erasing the user MAT and user boot MAT by the method for
transmitting control command and program data from the host using the on-chip SCI. The tool for
transmitting the control command and program data must be prepared in the host. SCI
communication mode is set to asynchronous mode. When a reset start is executed after this LSI’s
pin is set in boot mode, the boot program in the microcomputer is initiated. After the SCI bit rate
is automatically adjusted, the communication with the host is executed by means of the control
command method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com