| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 590 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 590 Page - Renesas Technology Corp |
|
590 / 746 page ![]() Rev. 1.00, 09/03, page 552 of 704 The system configuration diagram in boot mode is shown in figure 20.6. For details on the pin setting in boot mode, see table 20.5. The NMI and other interrupts are ignored in boot mode. However, the NMI and other interrupts should be disabled in the system. Host RxD1 TxD1 Control command, analysis execution software (on-chip) Flash memory On-chip RAM On-chip SCI_1 This LSI Boot programming tool and program data Control command, program data Reply response Figure 20.6 System Configuration in Boot Mode (1) SCI Interface Setting by Host When boot mode is initiated, this LSI measures the low period of asynchronous SCI-communica- tion data (H'00), which is transmitted consecutively by the host. The SCI transmit/receive format should be set to 8-bit data, 1 stop bit, and no parity. This LSI calculates the bit rate which is transmitted by the host according to the measured low period and transmits the bit adjustment end sign (1 byte of H'00) to the host. The host must confirm that this bit adjustment end sign (H'00) has been received normally and transmit 1 byte of H'55 to this LSI. When reception is not performed normally, boot mode is initiated again (reset) and the operation described above must be executed. The bit rates of the host and this LSI do not match according to the bit rate transmitted by the host and system clock frequency of this LSI. To operate the SCI normally, the transfer bit rate of the host must be set to 4,800 bps, 9,600 bps, or 19,200 bps. The system clock frequency, which can automatically adjust the transfer bit rate of the host and the bit rate of this LSI, is shown in table 20.6. Boot mode must be initiated in the range of this system clock. D0 D1 D2 D3 D4 D5 D6 D7 Start bit Stop bit Measure low period (9 bits) (data is H'00) High period of at least 1 bit Figure 20.7 Automatic-Bit-Rate Adjustment Operation of SCI |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |