công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 576Page - Renesas Technology Corp H8S/2437 Datasheet HTML 577Page - Renesas Technology Corp H8S/2437 Datasheet HTML 578Page - Renesas Technology Corp H8S/2437 Datasheet HTML 579Page - Renesas Technology Corp H8S/2437 Datasheet HTML 580Page - Renesas Technology Corp H8S/2437 Datasheet HTML 581Page - Renesas Technology Corp H8S/2437 Datasheet HTML 582Page - Renesas Technology Corp H8S/2437 Datasheet HTML 583Page - Renesas Technology Corp H8S/2437 Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 746 page
background image
Rev. 1.00, 09/03, page 542 of 704
Table 20.4
Parameters and Target Modes
Name of
Parameter
Abbrevia-
tion
Down-
load
Initializa-
tion
Program-
ming
Erasure
R/W
Initial
Value
Alloca-
tion
Download
pass/fail result
DPFR
R/W
Undefined
On-chip
RAM*
Flash pass/fail
result
FPFR
R/W
Undefined
R0L of
CPU
Flash
programming/
erasing frequency
control
FPEFEQ
R/W
Undefined
ER0 of
CPU
Flash multi-
purpose address
area
FMPAR
R/W
Undefined
ER1 of
CPU
Flash multi-
purpose data
destination area
FMPDR
R/W
Undefined
ER0 of
CPU
Flash erase block
select
FEBS
R/W
Undefined
R0L of
CPU
Note:
*
A single byte of the start address to download an on-chip program, which is specified by
FTDAR
(1) Download Control
The on-chip program is automatically downloaded by setting the SCO bit to 1. The on-chip RAM
area to be downloaded is the 2-kbyte area starting from the address specified by FTDAR.
Download control is set by the programming/erasing interface registers, and DPFR indicates the
return value.
(a) Download Pass/Fail Result Parameter (DPFR: Single Byte of On-Chip RAM Start Address
Specified by FTDAR)
DPFR indicates the return value of the download result. The value of this parameter can be used to
determine if downloading is executed or not. Since the confirmation whether the SCO bit is set to
1 is difficult, the certain determination must be performed by setting the single byte of the start
address specified by FTDAR to the value other than the return value of download (for example,
H'FF) before the download start (before setting the SCO bit to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com