công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 576 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 576 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 572Page - Renesas Technology Corp H8S/2437 Datasheet HTML 573Page - Renesas Technology Corp H8S/2437 Datasheet HTML 574Page - Renesas Technology Corp H8S/2437 Datasheet HTML 575Page - Renesas Technology Corp H8S/2437 Datasheet HTML 576Page - Renesas Technology Corp H8S/2437 Datasheet HTML 577Page - Renesas Technology Corp H8S/2437 Datasheet HTML 578Page - Renesas Technology Corp H8S/2437 Datasheet HTML 579Page - Renesas Technology Corp H8S/2437 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 746 page
background image
Rev. 1.00, 09/03, page 538 of 704
(3) Flash Erase Code Select Register (FECS)
FECS selects download of the on-chip erasing program.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
All 0
R/W
Reserved
The initial value should not be changed.
0
EPVB
0
R/W
Erase Pulse Verify Block
Selects the erasing program.
0: On-chip erasing program is not selected.
[Clearing condition]
• When transfer is completed
1: On-chip erasing program is selected.
(4) Flash Key Code Register (FKEY)
FKEY is a register for software protection that enables download of the on-chip program and
programming/erasing of flash memory. Before setting the SCO bit to 1 in order to download the
on-chip program or executing the downloaded programming/erasing program, these processing
cannot be executed if the key code is not written.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
K7
K6
K5
K4
K3
K2
K1
K0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Key Code
Only when H'A5 is written, writing to the SCO bit is valid.
When the value other than H'A5 is written to FKEY, the
SCO bit cannot be set to 1. Therefore downloading to
the on-chip RAM cannot be executed.
Only when H'5A is written, programming/erasing can be
executed. Even if the on-chip programming/erasing
program is executed, the flash memory cannot be
programmed or erased when the value other than H'5A
is written to FKEY.
H
′A5: Writing to the SCO bit is enabled. (The SCO bit
cannot be set by the value other than H'A5.)
H
′5A: Programming/erasing is enabled. (The software
protection state is entered by the value other than
H'5A.)
H
′00: Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com