công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 577 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 577 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 573Page - Renesas Technology Corp H8S/2437 Datasheet HTML 574Page - Renesas Technology Corp H8S/2437 Datasheet HTML 575Page - Renesas Technology Corp H8S/2437 Datasheet HTML 576Page - Renesas Technology Corp H8S/2437 Datasheet HTML 577Page - Renesas Technology Corp H8S/2437 Datasheet HTML 578Page - Renesas Technology Corp H8S/2437 Datasheet HTML 579Page - Renesas Technology Corp H8S/2437 Datasheet HTML 580Page - Renesas Technology Corp H8S/2437 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 746 page
background image
Rev. 1.00, 09/03, page 539 of 704
(5) Flash MAT Select Register (FMATS)
FMATS specifies whether the user MAT or user boot MAT is selected.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
0/1*
0
0/1*
0
0/1*
0
0/1*
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MAT Select
These bits are in the user-MAT selection state when the
value other than H'AA is written and in the user-boot-
MAT selection state when H
′AA is written. The MAT is
switched by writing the value to FMATS. When the MAT
is switched, follow section 20.6, Switching between User
MAT and User Boot MAT. (The user boot MAT cannot
be programmed in user program mode if user boot MAT
is selected by FMATS. The user boot MAT must be
programmed in boot mode or in programmer mode.)
H'AA: The user boot MAT is selected (in user-MAT
selection state when the value of these bits are
other than H
′AA)
Initial value when these bits are initiated in user
boot mode.
H
′00: Initial value when these bits are initiated in a mode
except for user boot mode (in user-MAT selection
state)
[Programmable condition]
• During the execution state in the on-chip RAM
Note:
*
Set to 1 in user boot mode; otherwise cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com