công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 573 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 573 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 569Page - Renesas Technology Corp H8S/2437 Datasheet HTML 570Page - Renesas Technology Corp H8S/2437 Datasheet HTML 571Page - Renesas Technology Corp H8S/2437 Datasheet HTML 572Page - Renesas Technology Corp H8S/2437 Datasheet HTML 573Page - Renesas Technology Corp H8S/2437 Datasheet HTML 574Page - Renesas Technology Corp H8S/2437 Datasheet HTML 575Page - Renesas Technology Corp H8S/2437 Datasheet HTML 576Page - Renesas Technology Corp H8S/2437 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 746 page
background image
Rev. 1.00, 09/03, page 535 of 704
(1) Flash Code Control/Status Register (FCCS)
FCCS is configured by bits which request the monitor of the FWE pin state and error occurrence
during programming or erasing flash memory and the download of the on-chip program.
Bit
Bit Name
Initial
Value
R/W
Description
7
FWE
1/0
R
Flash Program Enable
Monitors the signal level input to the FWE pin.
0: A low level signal is input to the FWE pin.
(Hardware protection state)
1: A high level signal is input to the FWE pin.
6, 5
All 0
R/W
Reserved
The initial value should not be changed.
4
FLER
0
R
Flash Memory Error
Indicates an error occurs during programming and
erasing flash memory. When this bit is set to 1, flash
memory enters the error protection state.
When this bit is set to 1, high voltage is applied to the
internal flash memory. To reduce the damage to flash
memory, the reset must be released after the reset
period of 100
µs which is longer than normal.
0: Flash memory operates normally.
Programming/erasing protection for flash memory
(error protection) is invalid.
[Clearing condition]
• By a reset or in hardware standby mode
1: An error occurs during programming/erasing flash
memory.
Programming/erasing protection for flash memory
(error protection) is valid.
[Setting conditions]
• When an interrupt, such as NMI, occurs during
programming/erasing flash memory.
• When the flash memory is read during
programming/erasing flash memory (including a
vector read or an instruction fetch).
• When the SLEEP instruction is executed during
programming/erasing flash memory (including
software standby mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com