công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 571 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 571 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 567Page - Renesas Technology Corp H8S/2437 Datasheet HTML 568Page - Renesas Technology Corp H8S/2437 Datasheet HTML 569Page - Renesas Technology Corp H8S/2437 Datasheet HTML 570Page - Renesas Technology Corp H8S/2437 Datasheet HTML 571Page - Renesas Technology Corp H8S/2437 Datasheet HTML 572Page - Renesas Technology Corp H8S/2437 Datasheet HTML 573Page - Renesas Technology Corp H8S/2437 Datasheet HTML 574Page - Renesas Technology Corp H8S/2437 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 746 page
background image
Rev. 1.00, 09/03, page 533 of 704
20.2
Input/Output Pins
Table 20.2 shows the flash memory pin configuration.
Table 20.2
Pin Configuration
Pin Name
I/O
Function
RES
Input
Reset
FWE
Input
Flash memory programming/erasing enable pin
MD2
Input
Sets operating mode of this LSI
MD1
Input
Sets operating mode of this LSI
MD0
Input
Sets operating mode of this LSI
TxD1
Output
Serial transmit data output (used in boot mode)
RxD1
Input
Serial receive data input (used in boot mode)
20.3
Register Descriptions
The registers/parameters which control flash memory are shown below. To access these registers,
the FLSHE bit in SYSCR must be set to 1. For details on SYSCR, see section 3.2.2, System
Control Register (SYSCR).
• Flash code control/status register (FCCS)
• Flash program code select register (FPCS)
• Flash erase code select register (FECS)
• Flash key code register (FKEY)
• Flash MAT select register (FMATS)
• Flash transfer destination address register (FTDAR)
• Download pass/fail result (DPFR)
• Flash pass/fail result (FPFR)
• Flash multipurpose address area (FMPAR)
• Flash multipurpose data destination area (FMPDR)
• Flash erase block select (FEBS)
• Flash program/erase frequency control (FPEFEQ)
There are several operating modes for accessing flash memory, for example, read mode/program
mode.
There are two memory MATs: user MAT and user boot MAT. The dedicated registers/parameters
are allocated for each operating mode and MAT selection. The correspondence of operating modes
and registers/parameters for use is shown in table 20.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com