công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 567 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 567 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 563Page - Renesas Technology Corp H8S/2437 Datasheet HTML 564Page - Renesas Technology Corp H8S/2437 Datasheet HTML 565Page - Renesas Technology Corp H8S/2437 Datasheet HTML 566Page - Renesas Technology Corp H8S/2437 Datasheet HTML 567Page - Renesas Technology Corp H8S/2437 Datasheet HTML 568Page - Renesas Technology Corp H8S/2437 Datasheet HTML 569Page - Renesas Technology Corp H8S/2437 Datasheet HTML 570Page - Renesas Technology Corp H8S/2437 Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 746 page
background image
Rev. 1.00, 09/03, page 529 of 704
20.1.3
Flash Memory MAT Configuration
This LSI’s flash memory consists of the 256-kbyte user MAT and 8-kbyte user boot MAT.
The start address is allocated to the same address in the user MAT and user boot MAT. Therefore,
when the program execution or data access is performed between two MATs, the MAT must be
switched by using FMATS.
The user MAT or user boot MAT can be read in all modes. However, the user boot MAT can be
programmed only in boot mode and programmer mode.
<User MAT>
<User Boot MAT>
Address H'000000
Address H'03FFFF
Address H'000000
Address H'001FFF
256 kbytes
8 kbytes
Figure 20.3 Flash Memory Configuration
The size of the user MAT is different from that of the user boot MAT. An address which exceeds
the size of the 8-kbyte user boot MAT should not be accessed. If the attempt is made, an undefined
value will be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com