công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 570 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 570 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 566Page - Renesas Technology Corp H8S/2437 Datasheet HTML 567Page - Renesas Technology Corp H8S/2437 Datasheet HTML 568Page - Renesas Technology Corp H8S/2437 Datasheet HTML 569Page - Renesas Technology Corp H8S/2437 Datasheet HTML 570Page - Renesas Technology Corp H8S/2437 Datasheet HTML 571Page - Renesas Technology Corp H8S/2437 Datasheet HTML 572Page - Renesas Technology Corp H8S/2437 Datasheet HTML 573Page - Renesas Technology Corp H8S/2437 Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 746 page
background image
Rev. 1.00, 09/03, page 532 of 704
(2) Download of On-Chip Program
The on-chip program is automatically downloaded by setting the flash key code register (FKEY)
and the SCO bit in the flash code control/status register (FCCS), which are programming/erasing
interface registers.
The flash memory MAT is replaced to the embedded program storage area during downloading.
Since the flash memory MAT cannot be read when programming/erasing, the procedure program,
which is working from download to completion of programming/erasing, must be executed in the
space other than the flash memory (for example, on-chip RAM).
Since the result of download is returned to the programming/erasing interface parameter, whether
the normal download is executed or not can be confirmed.
(3) Initialization of Programming/Erasing
The operating frequency is set before execution of programming/erasing. This setting is made by
using the programming/erasing interface parameter.
(4) Programming/Erasing Execution
For programming/erasing execution, the FLSHE bit in SYSCR and the FWE pin must be set to 1
to make a transition to user program mode.
The program data/programming destination address is specified in 128-byte units when
programming. The block to be erased is specified in erase-block units when erasing.
These specifications are set by using the programming/erasing interface parameter and the on-chip
program is initiated. The on-chip program is executed by using the JSR or BSR instruction and
performing the subroutine call of the specified address in the on-chip RAM. The execution result
is returned to the programming/erasing interface parameter.
The area to be programmed must be erased in advance when programming flash memory. All
interrupts must be disabled during programming and erasing. Interrupts must be masked within the
user system.
(5) When Programming/Erasing is Executed Consecutively
When the processing is not ended by the 128-byte programming or one-block erasure, the program
address/data and erase-block number must be updated to perform programming/erasing
consecutively.
Since the downloaded on-chip program is left in the on-chip RAM after the processing, download
and initialization are not required when the same processing is executed consecutively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com