công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 569 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 569 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 565Page - Renesas Technology Corp H8S/2437 Datasheet HTML 566Page - Renesas Technology Corp H8S/2437 Datasheet HTML 567Page - Renesas Technology Corp H8S/2437 Datasheet HTML 568Page - Renesas Technology Corp H8S/2437 Datasheet HTML 569Page - Renesas Technology Corp H8S/2437 Datasheet HTML 570Page - Renesas Technology Corp H8S/2437 Datasheet HTML 571Page - Renesas Technology Corp H8S/2437 Datasheet HTML 572Page - Renesas Technology Corp H8S/2437 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 746 page
background image
Rev. 1.00, 09/03, page 531 of 704
20.1.5
Programming/Erasing Interface
Programming/erasing is executed by downloading the on-chip program to the on-chip RAM and
specifying the program address/data and erase block by using the interface register/parameter.
The procedure program should be created by the user in user program mode and user boot mode.
An overview of the procedure is given as follows. For details, see section 20.4.2, User Program
Mode.
Initialization execution
(downloaded program execution)
Select on-chip program to be
downloaded and
specify the destination.
Start user procedure
program for programming/erasing.
End user procedure
program
Yes
Programming (in 128-byte units)
or erasing (in one-block units)
(downloaded program execution)
Download on-chip program
by setting FKEY and SCO bits.
No
Programming/erasing
completed?
Figure 20.5 Overview of User Procedure Program
(1) Selection of On-chip Program to be Downloaded
For programming/erasing execution, the FLSHE bit in SYSCR must be set to 1 to make a
transition to user program mode.
This LSI has programming/erasing programs which can be downloaded to the on-chip RAM. The
on-chip program to be downloaded is selected by setting the corresponding bits in the
programming/erasing interface register. The address of the download destination can be specified
by the flash transfer destination address register (FTDAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com