| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 574 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 574 Page - Renesas Technology Corp |
|
574 / 746 page ![]() Rev. 1.00, 09/03, page 536 of 704 Bit Bit Name Initial Value R/W Description 3 WEINTE 0 R/W Program/Erase Enable Modifies the space for the interrupt vector table, when interrupt vector data is not read successfully during programming/erasing flash memory or switching between a user MAT and a user boot MAT. When this bit is set to 1, interrupt vector data is read from address spaces H'FF6000 to H'FF607F (on-chip RAM space), instead of from address spaces H'000000 to H'00007F (up to vector number 31). Therefore, make sure to set the vector table in the on-chip RAM space before setting this bit to 1. The interrupt exception handling on and after vector number 32 should not be used because the correct vector is not read, resulting in the CPU runaway. 0: The space for the interrupt vector table is not modified. When interrupt vector data is not read successfully, the operation for the interrupt exception handling cannot be guaranteed. An occurrence of any interrupts should be masked. 1: The space for the interrupt vector table is modified. Even when interrupt vector data is not read successfully, the interrupt exception handling up to vector number 31 is enabled. 2, 1 All 0 R/W Reserved The initial value should not be changed. 0 SCO 0 (R)/W* Source Program Copy Operation Requests the on-chip programming/erasing program to be downloaded to the on-chip RAM. When this bit is set to 1, the on-chip program which is selected by FPCS/FECS is automatically downloaded in the on-chip RAM specified by FTDAR. In order to set this bit to 1, H ′A5 must be written to FKEY and this operation must be executed in the on-chip RAM. Four NOP instructions must be executed immediately after setting this bit to 1. Since this bit is cleared to 0 when download is completed, this bit cannot be read as 1. All interrupts must be disabled during download. This should be made in the user system. 0: Download of the on-chip programming/erasing program to the on-chip RAM is not executed. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |