công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 563 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 563 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 559Page - Renesas Technology Corp H8S/2437 Datasheet HTML 560Page - Renesas Technology Corp H8S/2437 Datasheet HTML 561Page - Renesas Technology Corp H8S/2437 Datasheet HTML 562Page - Renesas Technology Corp H8S/2437 Datasheet HTML 563Page - Renesas Technology Corp H8S/2437 Datasheet HTML 564Page - Renesas Technology Corp H8S/2437 Datasheet HTML 565Page - Renesas Technology Corp H8S/2437 Datasheet HTML 566Page - Renesas Technology Corp H8S/2437 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 746 page
background image
ROM1250A_000020021100
Rev. 1.00, 09/03, page 525 of 704
Section 20 Flash Memory (0.18-
µm F-ZTAT Version)
The flash memory has the following features. Figure 20.1 shows a block diagram of the flash
memory.
20.1
Features
• Size
Product Classification
ROM Size
ROM Address
H8S/2437
HD64F2437
256 kbytes
H'000000 to H'03FFFF
• Two flash-memory MATs according to LSI initiation mode
The on-chip flash memory has two memory spaces in the same address space (hereafter
referred to as memory MATs). The mode setting in the initiation determines which memory
MAT is initiated first. The MAT can be switched by using the bank-switching method after
initiation.
The user memory MAT is initiated at a power-on reset in user mode: 256 kbytes
The user boot memory MAT is initiated at a power-on reset in user boot mode: 8 kbytes
• Programming/erasing interface by the download of on-chip program
This LSI has a dedicated programming/erasing program. After downloading this program to
the on-chip RAM, programming/erasing can be performed by setting the argument parameter.
• Programming/erasing time
The flash memory programming time is 3 ms (typ.) in 128-byte simultaneous programming
and approximately 25
µs per byte. The erasing time is 1000 ms (typ.) per 64-kbyte block.
• Number of programming
The number of flash memory programming can be up to 100 times at the minimum. (The value
ranged from 1 to 100 is guaranteed.)
• Three on-board programming modes
Boot mode:
This mode is a program mode that uses an on-chip SCI interface. The user MAT and user boot
MAT can be programmed. This mode can automatically adjust the bit rate between the host
and this LSI.
User program mode:
The user MAT can be programmed by using any interface.
User boot mode:
The user boot program of any interface can be created and the user MAT can be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com