công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 579 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 579 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 575Page - Renesas Technology Corp H8S/2437 Datasheet HTML 576Page - Renesas Technology Corp H8S/2437 Datasheet HTML 577Page - Renesas Technology Corp H8S/2437 Datasheet HTML 578Page - Renesas Technology Corp H8S/2437 Datasheet HTML 579Page - Renesas Technology Corp H8S/2437 Datasheet HTML 580Page - Renesas Technology Corp H8S/2437 Datasheet HTML 581Page - Renesas Technology Corp H8S/2437 Datasheet HTML 582Page - Renesas Technology Corp H8S/2437 Datasheet HTML 583Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 746 page
background image
Rev. 1.00, 09/03, page 541 of 704
20.3.2
Programming/Erasing Interface Parameters
The programming/erasing interface parameters specify the operating frequency, storage place for
program data, programming destination address, and erase block and exchange the processing
result for the downloaded on-chip program. These parameters use the general registers of the CPU
(ER0 and ER1) or the on-chip RAM area. The initial value is undefined by a reset or in hardware
standby mode.
When download, initialization, or on-chip program is executed, registers of the CPU except for
R0L are stored. The return value of the processing result is written to R0L. Since the stack area is
used for storing the registers except for R0L, the stack area must be saved at the processing start.
(A maximum size of stack area to be used is 128 bytes.)
The programming/erasing interface parameters are used in the following four items.
1. Download control
2. Initialization before programming or erasing
3. Programming
4. Erasing
These items use different parameters. The correspondence table is shown in table 20.4.
A result of initialization, programming, or erasure processing is returned to the FPFR parameters.
However, the meaning of bits in FPFR varies in each processing. For details, see descriptions of
FPFR for each processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com