công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 928 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 928 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 924Page - Renesas Technology Corp H8S/2454 Datasheet HTML 925Page - Renesas Technology Corp H8S/2454 Datasheet HTML 926Page - Renesas Technology Corp H8S/2454 Datasheet HTML 927Page - Renesas Technology Corp H8S/2454 Datasheet HTML 928Page - Renesas Technology Corp H8S/2454 Datasheet HTML 929Page - Renesas Technology Corp H8S/2454 Datasheet HTML 930Page - Renesas Technology Corp H8S/2454 Datasheet HTML 931Page - Renesas Technology Corp H8S/2454 Datasheet HTML 932Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 928 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 898 of 1342
REJ09B0467-0100
15.8
IrDA Operation
When the IrDA function is enabled with bit IrE in IrCR, the SCI_0 TxD0 and RxD0 signals are
subjected to waveform encoding/decoding conforming to IrDA specification version 1.0 (IrTxD
and IrRxD pins). By connecting these pins to an infrared transceiver/receiver, it is possible to
implement infrared transmission/reception conforming to the IrDA specification version 1.0
system.
In the IrDA specification version 1.0 system, communication is started at a transfer rate of 9600
bps, and subsequently the transfer rate can be varied as necessary. As the IrDA interface in this
LSI does not include a function for varying the transfer rate automatically, the transfer rate setting
must be changed by software.
Figure 15.33 shows a block diagram of the IrDA function.
IrDA
Pulse encoder
Pulse decoder
TxD0/IrTxD
RxD0/IrRxD
SCI0
TxD
RxD
IrCR
Figure 15.33 Block Diagram of IrDA
(1) Transmission
In transmission, the output signal (UART frame) from the SCI is converted to an IR frame by the
IrDA interface (see figure 15.34).
When the serial data is 0, a high pulse of 3/16 the bit rate (interval equivalent to the width of one
bit) is output (initial value). The high-level pulse can be varied according to the setting of bits
IrCKS2 to IrCKS0 in IrCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com