công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 924 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 924 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 920Page - Renesas Technology Corp H8S/2454 Datasheet HTML 921Page - Renesas Technology Corp H8S/2454 Datasheet HTML 922Page - Renesas Technology Corp H8S/2454 Datasheet HTML 923Page - Renesas Technology Corp H8S/2454 Datasheet HTML 924Page - Renesas Technology Corp H8S/2454 Datasheet HTML 925Page - Renesas Technology Corp H8S/2454 Datasheet HTML 926Page - Renesas Technology Corp H8S/2454 Datasheet HTML 927Page - Renesas Technology Corp H8S/2454 Datasheet HTML 928Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 924 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 894 of 1342
REJ09B0467-0100
1. If an error is found when the received parity bit is checked, the PER bit in SSR is
automatically set to 1. If the RIE bit in SCR is set at this time, an ERI interrupt request is
generated. The PER bit in SSR should be cleared to 0 before the next parity bit is sampled.
2. The RDRF bit in SSR is not set for a frame in which an error has occurred.
3. If no error is found when the received parity bit is checked, the PER bit in SSR is not set to 1.
4. The receive operation is judged to have been completed normally, and the RDRF flag in SSR
is automatically set to 1. If the RIE bit in SCR is set at this time, an RXI interrupt request is
generated.
Figure 15.30 shows a flowchart for reception. The sequence of receive operations can be
performed automatically by specifying the DTC or DMAC to be activated with an RXI interrupt
source. In a receive operation, an RXI interrupt request is generated when the RDRF flag in SSR
is set to 1. If the RXI request is designated beforehand as a DTC or DMAC activation source, the
DTC or DMAC will be activated by the RXI request, and transfer of the receive data will be
carried out. The RDRF flag is cleared to 0 automatically when data transfer is performed by the
DTC or DMAC. If an error occurs in receive mode and the ORER or PER flag is set to 1, a
transfer error interrupt (ERI) request will be generated, and so the error flag must be cleared to 0.
In the event of an error, the DTC or DMAC is not activated and receive data is skipped. Therefore,
receive data is transferred for only the specified number of bytes in the event of an error. Even
when a parity error occurs in receive mode and the PER flag is set to 1, the data that has been
received is transferred to RDR and can be read from there.
Note:
For details on receive operations in block transfer mode, refer to section 15.4, Operation in
Asynchronous Mode.
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
RDRF
[1]
PER
[2]
[3]
[4]
Figure 15.29 Retransfer Operation in SCI Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com