công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 929 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 929 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 925Page - Renesas Technology Corp H8S/2454 Datasheet HTML 926Page - Renesas Technology Corp H8S/2454 Datasheet HTML 927Page - Renesas Technology Corp H8S/2454 Datasheet HTML 928Page - Renesas Technology Corp H8S/2454 Datasheet HTML 929Page - Renesas Technology Corp H8S/2454 Datasheet HTML 930Page - Renesas Technology Corp H8S/2454 Datasheet HTML 931Page - Renesas Technology Corp H8S/2454 Datasheet HTML 932Page - Renesas Technology Corp H8S/2454 Datasheet HTML 933Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 899 of 1342
REJ09B0467-0100
In the specification, the high pulse width is fixed at a minimum of 1.41 µs, and a maximum of
(3/16 + 2.5%)
× bit rate or (3/16 × bit rate) + 1.08 µs. When system clock φ is 20 MHz, 1.6 µs can
be set for a high pulse width with a minimum value of 1.41 µs.
When the serial data is 1, no pulse is output.
UART frame
Data
IR frame
Data
000
0
0
11
1
1
1
00
0
0
0
11
1
1
1
Start
bit
Transmit
Receive
Stop
bit
Start
bit
Stop
bit
Bit
cycle
Pulse width
1.6
µs to 3/16 bit cycle
Figure 15.34 IrDA Transmit/Receive Operations
(2) Reception
In reception, IR frame data is converted to a UART frame by the IrDA interface, and input to the
SCI.
When a high pulse is detected, 0 data is output, and if there is no pulse during a one-bit interval, 1
data is output. Note that a pulse shorter than the minimum pulse width of 1.41 µs will be identified
as a 0 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com