công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 820 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 820 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 816Page - Renesas Technology Corp H8S/2454 Datasheet HTML 817Page - Renesas Technology Corp H8S/2454 Datasheet HTML 818Page - Renesas Technology Corp H8S/2454 Datasheet HTML 819Page - Renesas Technology Corp H8S/2454 Datasheet HTML 820Page - Renesas Technology Corp H8S/2454 Datasheet HTML 821Page - Renesas Technology Corp H8S/2454 Datasheet HTML 822Page - Renesas Technology Corp H8S/2454 Datasheet HTML 823Page - Renesas Technology Corp H8S/2454 Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1376 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 790 of 1342
REJ09B0467-0100
13.3.1
Timer Counter (TCNT)
TCNT is 8-bit up-counter. TCNT_0 and TCNT_1 comprise a single 16-bit register so they can be
accessed together by a word transfer instruction. Bits CKS2 to CKS0 in TCR are used to select a
clock. TCNT can be cleared by an external reset input or by a compare match signal A or B.
Which signal is to be used for clearing is selected by bits CCLR1 and CCLR0 in TCR. When
TCNT overflows from H'FF to H'00, OVF in TCSR is set to 1. TCNT is initialized to H'00.
13.3.2
Time Constant Register A (TCORA)
TCORA is 8-bit readable/writable register. TCORA_0 and TCORA_1 comprise a single 16-bit
register so they can be accessed together by a word transfer instruction. The value in TCORA is
continually compared with the value in TCNT. When a match is detected, the corresponding
CMFA flag in TCSR is set to 1. Note, however, that comparison is disabled during the T
2 state of a
TCORA write cycle. The timer output from the TMO pin can be freely controlled by this compare
match signal (compare match A) and the settings of bits OS1 and OS0 in TCSR. TCORA is
initialized to H'FF.
13.3.3
Time Constant Register B (TCORB)
TCORB is 8-bit readable/writable register. TCORB_0 and TCORB_1 comprise a single 16-bit
register so they can be accessed together by a word transfer instruction. TCORB is continually
compared with the value in TCNT. When a match is detected, the corresponding CMFB flag in
TCSR is set to 1. Note, however, that comparison is disabled during the T
2 state of a TCOBR write
cycle. The timer output from the TMO pin can be freely controlled by this compare match signal
(compare match B) and the settings of bits OS3 and OS2 in TCSR. TCORB is initialized to H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com