công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 822 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 822 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 818Page - Renesas Technology Corp H8S/2454 Datasheet HTML 819Page - Renesas Technology Corp H8S/2454 Datasheet HTML 820Page - Renesas Technology Corp H8S/2454 Datasheet HTML 821Page - Renesas Technology Corp H8S/2454 Datasheet HTML 822Page - Renesas Technology Corp H8S/2454 Datasheet HTML 823Page - Renesas Technology Corp H8S/2454 Datasheet HTML 824Page - Renesas Technology Corp H8S/2454 Datasheet HTML 825Page - Renesas Technology Corp H8S/2454 Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 1376 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 792 of 1342
REJ09B0467-0100
13.3.5
Timer Counter Control Register (TCCR)
TCCR selects the TCNT internal clock source and controls the external reset input.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
—
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
3
TMRIS
0
R/W
Timer Reset Input Select
Selects the external reset input, in combination
with the CCLR1 and CCLR0 bits in TCR. See
table 13.2.
2
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
1
0
ICKS1
ICKS0
0
0
R/W
R/W
Internal Clock Select 1, 0
These bits select the internal clock source, in
combination with the CKS2 to CKS0 bits in TCR.
See table 13.3.
Table 13.2
Reset Input to TCNT and Clearing Condition
TCR
TCCR
Bit 1
CCLR1
Bit 0
CCLR0
Bit 3
TMRIS
Description
0
0
0
Clearing is disabled
0
1
0
Clear by compare match A
1
0
0
Clear by compare match B
1
1
0
Clear by rising edge of external reset input
0
0
1
Clear by both rising and falling edges of external reset input
0
1
1
Clear by falling edge of external reset input
1
0
1
Clear by low level of external reset input
1
1
1
Clear by high level of external reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com