công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 693 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 693 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 689Page - Renesas Technology Corp H8S/2454 Datasheet HTML 690Page - Renesas Technology Corp H8S/2454 Datasheet HTML 691Page - Renesas Technology Corp H8S/2454 Datasheet HTML 692Page - Renesas Technology Corp H8S/2454 Datasheet HTML 693Page - Renesas Technology Corp H8S/2454 Datasheet HTML 694Page - Renesas Technology Corp H8S/2454 Datasheet HTML 695Page - Renesas Technology Corp H8S/2454 Datasheet HTML 696Page - Renesas Technology Corp H8S/2454 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1376 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 663 of 1342
REJ09B0467-0100
Section 11 16-Bit Timer Pulse Unit (TPU)
This LSI has two on-chip 16-bit timer pulse units (TPU: unit 0 and unit 1) which each comprises
six 16-bit timer channels, resulting in a total of 12 channels. The functions of unit 0 are listed in
table 11.1, and the functions of unit 1 are listed in table 11.2. The block diagram of unit 0 is shown
in figure 11.1 and the block diagram of unit 1 is shown in figure 11.2.
The descriptions in this section refer to unit 0.
11.1
Features
•
Maximum 16-pulse input/output
•
Selection of 8 counter input clocks for each channel
•
The following operations can be set for each channel:
 Waveform output at compare match
 Input capture function
 Counter clear operation
 Synchronous operations:
Multiple timer counters (TCNT) can be written to simultaneously
Simultaneous clearing by compare match and input capture possible
Register simultaneous input/output possible by counter synchronous operation
 Maximum of 15-phase PWM output possible by combination with synchronous operation
•
Buffer operation settable for channels 0 and 3
•
Phase counting mode settable independently for each of channels 1, 2, 4, and 5
•
Cascaded operation
•
Fast access via internal 16-bit bus
•
26 interrupt sources
•
Automatic transfer of register data
•
Programmable pulse generator (PPG) output trigger can be generated
•
A/D converter conversion start trigger can be generated
•
Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com