công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 689 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 689 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 685Page - Renesas Technology Corp H8S/2454 Datasheet HTML 686Page - Renesas Technology Corp H8S/2454 Datasheet HTML 687Page - Renesas Technology Corp H8S/2454 Datasheet HTML 688Page - Renesas Technology Corp H8S/2454 Datasheet HTML 689Page - Renesas Technology Corp H8S/2454 Datasheet HTML 690Page - Renesas Technology Corp H8S/2454 Datasheet HTML 691Page - Renesas Technology Corp H8S/2454 Datasheet HTML 692Page - Renesas Technology Corp H8S/2454 Datasheet HTML 693Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 659 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
4
TMRS
0
R/W
TMR Pin Select
Selects the output pins of TMO1 and TMO0 and
input pins of TMCI1, TMCI0, TMRI1, and TMRI0.
0: [For H8S/2454]
P25/TMO1-A, P24/TMO0-A, P23/TMCI1-A,
P22/TMCI0-A, P21/TMRI1-A, and P20/TMRI0-A
are selected.
[For H8S/2456, H8S/2456R]
P65/TMO1-A, P64/TMO0-A, P63/TMCI1-A,
P62/TMCI0-A, P61/TMRI1-A, and P60/TMRI0-A
are selected.
1: P85/TMO1-B, P52/TMO0-B, P83/TMCI1-B,
P51/TMCI0-B, P81/TMRI1-B, and P50/TMRI0-B
are selected.
3, 2
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
1
USBDRQE
0
R/W
USB-DMAC Activation Interrupt Enable
Enables or disables interrupt to activate the DMAC
(USBINTN) from the USB.
0: The
DREQ signal from the DREQ pin is set as a
data transfer activation source.
1: The DMAC activation interrupt signal from the
USB is set as a data transfer activation source.
0
1
Reserved
This bit is always read as 1. Only the initial value
should be written to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com