công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 688 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 688 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 684Page - Renesas Technology Corp H8S/2454 Datasheet HTML 685Page - Renesas Technology Corp H8S/2454 Datasheet HTML 686Page - Renesas Technology Corp H8S/2454 Datasheet HTML 687Page - Renesas Technology Corp H8S/2454 Datasheet HTML 688Page - Renesas Technology Corp H8S/2454 Datasheet HTML 689Page - Renesas Technology Corp H8S/2454 Datasheet HTML 690Page - Renesas Technology Corp H8S/2454 Datasheet HTML 691Page - Renesas Technology Corp H8S/2454 Datasheet HTML 692Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 658 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
0
0
Reserved
This bit is always read as 0. Only the initial value
should be written to this bit.
Notes: 1. Not supported in the H8S/2454 Group.
2. PH3 becomes PF0 in the H8S/2454 Group.
10.18.4
Port Function Control Register 3 (PFCR3)
PFCR3 enables or disables DMAC activation interrupts from the USB, and switches the functions
of the PPG output pin, TPU input/output pin, and TMR input/output pin.
Bit
Bit Name
Initial Value
R/W
Description
7
1
Reserved
This bit is always read as 1. Only the initial value
should be written to this bit.
6
PPGS
0
R/W
PPG Pin Select
Selects the output pins of PO5 to PO0.
0: P25/PO5-A and P20/PO0-A are selected.
1: P85/PO5-B, P52/PO4-B, P83/PO3-B, P51/PO2-
B, P81/PO1-B, and P50/PO0-B are selected.
5
TPUS
0
R/W
TPU Pin Select
Selects the output pins of TIOCA3, TIOCB3,
TIOCC3, TIOCD3, TIOCA4, and TIOCB4.
0: P25/TIOCB4-A and P20/TIOCA3-A are selected.
1: P85/TIOCB4-B, P52/TIOCA4-B, P83/TIOCD3-B,
P51/TIOCC3-B, P81/TIOCB3-B, and
P50/TIOCA3-B are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com