công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 366 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 366 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 362Page - Renesas Technology Corp H8S/2454 Datasheet HTML 363Page - Renesas Technology Corp H8S/2454 Datasheet HTML 364Page - Renesas Technology Corp H8S/2454 Datasheet HTML 365Page - Renesas Technology Corp H8S/2454 Datasheet HTML 366Page - Renesas Technology Corp H8S/2454 Datasheet HTML 367Page - Renesas Technology Corp H8S/2454 Datasheet HTML 368Page - Renesas Technology Corp H8S/2454 Datasheet HTML 369Page - Renesas Technology Corp H8S/2454 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 336 of 1342
REJ09B0467-0100
MAR, IOAR, and ETCR can always be written to regardless of the DMAWER settings. When
modifying these registers, the channel to be modified should be halted.
7.3.7
DMA Terminal Control Register (DMATCR)
DMATCR controls enabling or disabling of output from the DMAC transfer end pin. A port can
be set for output automatically, and a transfer end signal output, by setting the appropriate bit. The
TEND pin is available only for channel B in short address mode. Except for the block transfer
mode, a transfer end signal asserts in the transfer cycle in which the transfer counter contents
reaches 0 regardless of the activation source. In the block transfer mode, a transfer end signal
asserts in the transfer cycle in which the block counter contents reaches 0.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
5
TEE1
0
R/W
Transfer End Enable 1
Enables or disables transfer end pin 1 (
TEND1)
output.
0:
TEND1 pin output disabled
1:
TEND1 pin output enabled
4
TEE0
0
R/W
Transfer End Enable 0
Enables or disables transfer end pin 0 (
TEND0)
output.
0:
TEND0 pin output disabled
1:
TEND0 pin output enabled
3 to 0
All 0
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com