công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 362 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 362 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 358Page - Renesas Technology Corp H8S/2454 Datasheet HTML 359Page - Renesas Technology Corp H8S/2454 Datasheet HTML 360Page - Renesas Technology Corp H8S/2454 Datasheet HTML 361Page - Renesas Technology Corp H8S/2454 Datasheet HTML 362Page - Renesas Technology Corp H8S/2454 Datasheet HTML 363Page - Renesas Technology Corp H8S/2454 Datasheet HTML 364Page - Renesas Technology Corp H8S/2454 Datasheet HTML 365Page - Renesas Technology Corp H8S/2454 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 332 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
4
DTE0
0
R/W
Data Transfer Enable 0
Enables or disables DMA transfer for the
activation source selected by the DTF3 to DTF0
bits in DMACR of channel 0.
When DTE0 = 0, data transfer is disabled and the
activation source is ignored. If the activation
source is an internal interrupt, an interrupt request
is issued to the CPU or DTC. If the DTE0 bit is
cleared to 0 when DTIE0 = 1, the DMAC regards
this as indicating the end of a transfer, and issues
a transfer end interrupt request to the CPU.
When DTE0 = 1 and DTME0 = 1, data transfer is
enabled and the DMAC waits for a request by the
activation source. When a request is issued by the
activation source, DMA transfer is executed.
[Clearing conditions]
•
When initialization is performed
•
When the specified number of transfers have
been completed
•
When 0 is written to the DTE0 bit to forcibly
suspend the transfer, or for a similar reason
[Setting condition]
When 1 is written to the DTE0 bit after reading
DTE0 = 0
3
DTIE1B
0
R/W
Data Transfer Interrupt Enable 1B
Enables or disables an interrupt to the CPU or
DTC when transfer on channel 1 is interrupted. If
the DTME1 bit is cleared to 0 when DTIE1B = 1,
the DMAC regards this as indicating a break in the
transfer, and issues a transfer break interrupt
request to the CPU or DTC.
A transfer break interrupt can be canceled either
by clearing the DTIE1B bit to 0 in the interrupt
handling routine, or by performing processing to
continue transfer by setting the DTME1 bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com