công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 359 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 359 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 355Page - Renesas Technology Corp H8S/2454 Datasheet HTML 356Page - Renesas Technology Corp H8S/2454 Datasheet HTML 357Page - Renesas Technology Corp H8S/2454 Datasheet HTML 358Page - Renesas Technology Corp H8S/2454 Datasheet HTML 359Page - Renesas Technology Corp H8S/2454 Datasheet HTML 360Page - Renesas Technology Corp H8S/2454 Datasheet HTML 361Page - Renesas Technology Corp H8S/2454 Datasheet HTML 362Page - Renesas Technology Corp H8S/2454 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 329 of 1342
REJ09B0467-0100
•
DMABCRL
Bit
Bit Name
Initial Value
R/W
Description
7
DTME1
0
R/W
Data Transfer Master Enable 1
Together with the DTE1 bit, this bit controls
enabling or disabling of data transfer on channel
1. When both the DTME1 bit and DTE1 bit are set
to 1, transfer is enabled for channel 1.
If channel 1 is in the middle of a burst mode
transfer when an NMI interrupt is generated, the
DTME1 bit is cleared, the transfer is interrupted,
and bus mastership passes to the CPU. When the
DTME1 bit is subsequently set to 1 again, the
interrupted transfer is resumed. In block transfer
mode, however, the DTME1 bit is not cleared by
an NMI interrupt, and transfer is not interrupted.
[Clearing conditions]
•
When initialization is performed
•
When NMI is input in burst mode
•
When 0 is written to the DTME1 bit
[Setting condition]
When 1 is written to DTME1 after reading DTME1
= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com