công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 364 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 364 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 360Page - Renesas Technology Corp H8S/2454 Datasheet HTML 361Page - Renesas Technology Corp H8S/2454 Datasheet HTML 362Page - Renesas Technology Corp H8S/2454 Datasheet HTML 363Page - Renesas Technology Corp H8S/2454 Datasheet HTML 364Page - Renesas Technology Corp H8S/2454 Datasheet HTML 365Page - Renesas Technology Corp H8S/2454 Datasheet HTML 366Page - Renesas Technology Corp H8S/2454 Datasheet HTML 367Page - Renesas Technology Corp H8S/2454 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 334 of 1342
REJ09B0467-0100
7.3.6
DMA Write Enable Register (DMAWER)
The DMAC can activate the DTC with a transfer end interrupt, rewrite the channel on which the
transfer ended using a DTC chain transfer, and then reactivate the DTC. DMAWER applies
restrictions for changing all bits of DMACR, and specific bits for DMATCR and DMABCR for
the specific channel, to prevent inadvertent rewriting of registers other than those for the channel
concerned. The restrictions applied by DMAWER are valid for the DTC.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
—
Reserved
These bits are always read as 0 and cannot be
modified.
3
WE1B
0
R/W
Write Enable 1B
Enables or disables writes to all bits in DMACR1B,
bits 11, 7, and 3 in DMABCR, and bit 5 in
DMATCR.
0: Writes are disabled
1: Writes are enabled
2
WE1A
0
R/W
Write Enable 1A
Enables or disables writes to all bits in DMACR1A,
and bits 10, 6, and 2 in DMABCR.
0: Writes are disabled
1: Writes are enabled
1
WE0B
0
R/W
Write Enable 0B
Enables or disables writes to all bits in DMACR0B,
bits 9, 5, and 1 in DMABCR, and bit 4 in
DMATCR.
0: Writes are disabled
1: Writes are enabled
0
WE0A
0
R/W
Write Enable 0A
Enables or disables writes to all bits in DMACR0A,
and bits 8, 4, and 0 in DMABCR.
0: Writes are disabled
1: Writes are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com