| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS72011RB120FPV bảng dữ liệu(PDF) 159 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV bảng dữ liệu(HTML) 159 Page - Renesas Technology Corp |
|
159 / 1196 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 Sep. 07, 2007 Page 131 of 1164 REJ09B0321-0200 6.3.12 DMA Transfer Request Enable Register 2 (DREQER2) DMA transfer request enable register 2 (DREQER2) is an 8-bit readable/writable register that enables/disables the SCIF (channels 4 to 7) DMA transfer requests, and enables/disables CPU interrupt requests. DMA transfer request enable register 2 is initialized by a power-on reset or in deep standby mode. 0 1 2 3 4 5 6 7 00 0 0 0 0 0 0 R/W R/W SCIF 7ch TX SCIF 7ch RX SCIF 6ch TX SCIF 6ch RX SCIF 5ch TX SCIF 5ch RX SCIF 4ch TX SCIF 4ch RX R/W R/W R/W R/W R/W R/W Bit: Initial value: R/W: Bit Bit Name Initial Value R/W Description 7 SCIF 7ch TX 0 R/W 6 SCIF 7ch RX 0 R/W 5 SCIF 6ch TX 0 R/W 4 SCIF 6ch RX 0 R/W 3 SCIF 5ch TX 0 R/W 2 SCIF 5ch RX 0 R/W 1 SCIF 4ch TX 0 R/W 0 SCIF 4ch RX 0 R/W DMA Transfer Request Enable Bits These bits enable/disable DMA transfer requests, and enable/disable CPU interrupt requests. 0: DMA transfer request disabled, CPU interrupt request enabled 1: DMA transfer request enabled, CPU interrupt request disabled |