| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS72011RB120FPV bảng dữ liệu(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV bảng dữ liệu(HTML) 60 Page - Renesas Technology Corp |
|
60 / 1196 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 32 of 1164 REJ09B0321-0200 Addressing Mode Instruction Format Effective Address Calculation Equation Indexed GBR indirect @(R0,GBR) The effective address is the sum of GBR value and R0. GBR R0 GBR + R0 + GBR + R0 TBR duplicate indirect with displacement @@ (disp:8,TBR) The effective address is the sum of TBR value and an 8-bit displacement (disp). The value of disp is zero-extended, and is multiplied by 4. TBR TBR + disp × 4 (TBR + disp × 4) 4 + disp (zero-extended) × Contents of address (TBR + disp × 4) PC indirect with displacement @(disp:8,PC) The effective address is the sum of PC value and an 8-bit displacement (disp). The value of disp is zero-extended, and is doubled for a word operation, and quadrupled for a longword operation. For a longword operation, the lowest two bits of the PC value are masked. PC H'FFFFFFFC PC + disp × 2 or PC & H'FFFFFFFC + disp × 4 + 2/4 × & (for longword) disp (zero-extended) Word: PC + disp × 2 Longword: PC & H'FFFFFFFC + disp × 4 PC relative disp:8 The effective address is the sum of PC value and the value that is obtained by doubling the sign-extended 8-bit displacement (disp). PC 2 + × disp (sign-extended) PC + disp × 2 PC + disp × 2 |