công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 148 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 148 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 144Page - Renesas Technology Corp M30623SC Datasheet HTML 145Page - Renesas Technology Corp M30623SC Datasheet HTML 146Page - Renesas Technology Corp M30623SC Datasheet HTML 147Page - Renesas Technology Corp M30623SC Datasheet HTML 148Page - Renesas Technology Corp M30623SC Datasheet HTML 149Page - Renesas Technology Corp M30623SC Datasheet HTML 150Page - Renesas Technology Corp M30623SC Datasheet HTML 151Page - Renesas Technology Corp M30623SC Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
147
Figure 1.18.8. Pull-up control register
Pull-up control register 0
Symbol
Address
When reset
PUR0
03FC16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU00
P00 to P03 pull-up
PU01
P04 to P07 pull-up
PU02
P10 to P13 pull-up
PU03
P14 to P17 pull-up
PU04
P20 to P23 pull-up
PU05
P24 to P27 pull-up
PU06
P30 to P33 pull-up
PU07
P34 to P37 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Pull-up control register 1
Symbol
Address
When reset
PUR1
03FD16
0016 (Note 2)
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU10
P40 to P43 pull-up
PU11
P44 to P47 pull-up
PU12
P50 to P53 pull-up
PU13
P54 to P57 pull-up
PU14
P60 to P63 pull-up
PU15
P64 to P67 pull-up
PU16
P70 to P73 pull-up (Note 1)
PU17
P74 to P77 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Note 1: Since P70 and P71 are N-channel open drain ports, pull-up is not available for them.
Note 2: When the VCC level is being impressed to the CNVSS terminal, this register becomes
to 0216 when reset (PU11 becomes to “1”).
Note 3: P44 to P47, P72 to P75 are not connected to external pins, but are present within the
microcomputer, so set the unused pin processing.
Pull-up control register 2
Symbol
Address
When reset
PUR2
03FE16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU20
P80 to P83 pull-up
PU21
P84 to P87 pull-up
(Except P85)
PU22
P90 to P93 pull-up
PU23
P94 to P97 pull-up
PU24
P100 to P103 pull-up
PU25
P104 to P107 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Note: P1 is not connected to external pins, but are present within the microcomputer, so
set the unused pin processing.
Note: P91 is not connected to external pins, but are present within the microcomputer, so
set the unused pin processing.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com