công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 146 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 146 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 142Page - Renesas Technology Corp M30623SC Datasheet HTML 143Page - Renesas Technology Corp M30623SC Datasheet HTML 144Page - Renesas Technology Corp M30623SC Datasheet HTML 145Page - Renesas Technology Corp M30623SC Datasheet HTML 146Page - Renesas Technology Corp M30623SC Datasheet HTML 147Page - Renesas Technology Corp M30623SC Datasheet HTML 148Page - Renesas Technology Corp M30623SC Datasheet HTML 149Page - Renesas Technology Corp M30623SC Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
145
Figure 1.18.6. Direction register
Port Pi direction register (Note)
Symbol
Address
When reset
PDi (i = 0 to 10, except 8)
03E216, 03E316, 03E616, 03E716, 03EA16
0016
03EB16, 03EE16, 03EF16, 03F316, 03F616
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PDi_0
Port Pi0 direction register
PDi_1
Port Pi1 direction register
PDi_2
Port Pi2 direction register
PDi_3
Port Pi3 direction register
PDi_4
Port Pi4 direction register
PDi_5
Port Pi5 direction register
PDi_6
Port Pi6 direction register
PDi_7
Port Pi7 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
(i = 0 to 10 except 8)
Port P8 direction register
Symbol
Address
When reset
PD8
03F216
00X000002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PD8_0
Port P80 direction register
PD8_1
Port P81 direction register
PD8_2
Port P82 direction register
PD8_3
Port P83 direction register
PD8_4
Port P84 direction register
PD8_6
Port P86 direction register
PD8_7
Port P87 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
Note 1: Set bit 2 of protect register (address 000A16) to “1” before rewriting to
the port P9 direction register.
Note 2: P1, P44 to P47, P72 to P75, P91 are not connected to the outside, but
are present within the microcomputer, so set the direction registers to
output so that these pin are reserved for future use.
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be
indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com