| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD913F2 bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD913F2 bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 94 page ![]() PSD9XX Family Preliminary Information 48 Drive Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Port A Open Open Open Open Slew Slew Slew Slew Drain Drain Drain Drain Rate Rate Rate Rate Port B Open Open Open Open Slew Slew Slew Slew Drain Drain Drain Drain Rate Rate Rate Rate Port D NA NA NA NA NA Slew Slew Slew Rate Rate Rate Table 27. Drive Register Pin Assignment NOTE: NA = Not Applicable. The PSD9XX Functional Blocks (cont.) 9.4.3.3 Drive Select Register The Drive Select Register configures the pin driver as Open Drain or CMOS for some port pins, and controls the slew rate for the other port pins. An external pull-up resistor should be used for pins configured as Open Drain. A pin can be configured as Open Drain if its corresponding bit in the Drive Select Register is set to a ‘1’. The default pin drive is CMOS. Aside: the slew rate is a measurement of the rise and fall times of an output. A higher slew rate means a faster output response and may create more electrical noise. A pin operates in a high slew rate when the corresponding bit in the Drive Register is set to ‘1’. The default rate is slow slew. Table 27 shows the Drive Register for Ports A, B, C, and D. It summarizes which pins can be configured as Open Drain outputs and which pins the slew rate can be set for. |