công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMV8000 bảng dữ liệu(PDF) 15 Page - ams-OSRAM AG

tên linh kiện CMV8000
Giải thích chi tiết về linh kiện  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 bảng dữ liệu(HTML) 15 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 11Page - ams-OSRAM AG CMV8000 Datasheet HTML 12Page - ams-OSRAM AG CMV8000 Datasheet HTML 13Page - ams-OSRAM AG CMV8000 Datasheet HTML 14Page - ams-OSRAM AG CMV8000 Datasheet HTML 15Page - ams-OSRAM AG CMV8000 Datasheet HTML 16Page - ams-OSRAM AG CMV8000 Datasheet HTML 17Page - ams-OSRAM AG CMV8000 Datasheet HTML 18Page - ams-OSRAM AG CMV8000 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Document Feedback
CMV8000
Typical Operating Characteristics
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 14
6
Typical Operating Characteristics
6.1
Electro-Optical Characteristics
Below are the typical electro-optical specifications of the CMV8000. These are typical values for the
whole operating range.
Figure 7:
Electro-Optical Characteristics
Parameter
Value
Remark
Effective pixels
3360 x 2496
Pixel pitch
5.5 µm x 5.5 µm
Optical format
1.43 optical inch
Pixel type
Global shutter with true CDS
Allows fixed pattern noise
correction and reset (kTC)
noise cancelling by true
correlated double sampling
Shutter type
Pipelined global shutter
Exposure of next image during
readout of the previous image
Full well charge
11700 e-
Pinned photodiode pixel
Conversion gain
0.077DN/e-
10-bit mode, unity gain
Temporal noise
8.6 e-
Read noise. Measured with
high gain setting
Dynamic range
61 dB
Shutter efficiency
1/20000
DC
41.2 e-/s
At 25 ºC die temperature. The
dark current doubles every
6.5 ºC increase.
DSNU
5.6DN/s
At 25 ºC die temperature, in
10-bit mode
PRNU
< 1% RMS of signal
Color filters
Optional
RGB Bayer pattern
QE
59%
At 568 nm with microlenses
LVDS outputs
16 data
1 control
1 clock
Each data output running at
600 Mbps. 8, 4 and 2 outputs
selectable at reduced frame
rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com