công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMV8000 bảng dữ liệu(PDF) 40 Page - ams-OSRAM AG

tên linh kiện CMV8000
Giải thích chi tiết về linh kiện  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 bảng dữ liệu(HTML) 40 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 36Page - ams-OSRAM AG CMV8000 Datasheet HTML 37Page - ams-OSRAM AG CMV8000 Datasheet HTML 38Page - ams-OSRAM AG CMV8000 Datasheet HTML 39Page - ams-OSRAM AG CMV8000 Datasheet HTML 40Page - ams-OSRAM AG CMV8000 Datasheet HTML 41Page - ams-OSRAM AG CMV8000 Datasheet HTML 42Page - ams-OSRAM AG CMV8000 Datasheet HTML 43Page - ams-OSRAM AG CMV8000 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 39
Figure 41:
Programmable Multiple Slope Response
In the figure above, the red lines represent a pixel on which a large amount of light is falling. The blue
line represents a pixel on which less light is falling. As shown in the figure, the bright pixel is held to a
programmable voltage for a programmable time during the exposure time. This happens two times to
not saturate the pixel at the end of the exposure time. This does not influence the darker pixels, so
they will have a normal response. The VTGLOW voltages and different exposure times are
programmable using the sequencer registers. The VTGLOW programming controls the placement of
the knee points on the X-axis, while the programmed exposure times control the slope of the
segments. With both these features, you can achieve a response as seen in the figure below.
Vhigh
VTGLOW3
VTGLOW2
VTGLOW1
Total exposure time
Exposure kneepoint 2
Exposure kneepoint 1
Pixel reset
Pixel sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com