| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV8000 bảng dữ liệu(PDF) 48 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 bảng dữ liệu(HTML) 48 Page - ams-OSRAM AG |
|
48 / 90 page ![]() Document Feedback CMV8000 Functional Description Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 47 Figure 51: Subsampled Image for Monochrome Sensor 7.4.4 Mirroring The image can be mirrored, both in the X and Y direction. In the example below, 2 channel output mode is used to simplify the figure. When mirroring is disabled, output channel OUT1 reads out first the pixel in the top left of the array (pixel (0,0). When mirroring in Y is enabled, OUT1 starts from the last row at pixel (0,2495) in the bottom left of the array and counts downwards to pixel (0,0). When mirroring in X is enabled, only the pixels within an output channel are mirrored. In this mode, OUT1 will start reading out pixel (1679,0) first and then count to pixel (0,0) in the top left of the array. YSKIP1 = 4 YSKIP2 = 4 YSIZE_TOT = sum of red lines YSKIP1 = 1 YSKIP2 = 1 YSIZE_TOT = sum of red lines |