công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMV8000 bảng dữ liệu(PDF) 31 Page - ams-OSRAM AG

tên linh kiện CMV8000
Giải thích chi tiết về linh kiện  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 bảng dữ liệu(HTML) 31 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 27Page - ams-OSRAM AG CMV8000 Datasheet HTML 28Page - ams-OSRAM AG CMV8000 Datasheet HTML 29Page - ams-OSRAM AG CMV8000 Datasheet HTML 30Page - ams-OSRAM AG CMV8000 Datasheet HTML 31Page - ams-OSRAM AG CMV8000 Datasheet HTML 32Page - ams-OSRAM AG CMV8000 Datasheet HTML 33Page - ams-OSRAM AG CMV8000 Datasheet HTML 34Page - ams-OSRAM AG CMV8000 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 30
7.3.2
Readout Format
Similar to other CMV products, the data readout is organized in pixels that are aligned using a side-
band control channel.
Low-Level Pixel Timing
●
Data is transferred in words of 10-bit or 12-bit over each channel, with each word containing the
value of a single pixel.
●
Data is transferred LSB first
The figure below shows the timing for the read-out of 10-bit and 12-bit pixel data over one LVDS
output, together with the DDR output clock (OUT_CLK). The D[0] bit is always transferred during the
high phase of the output clock.
Figure 26:
10-Bit Pixel Data
For 10-
bit mode, the time ‘T1’ in Figure 26 will be equal to 1 clock cycle of the IN_LCLK input clock.
When a frequency of 300 MHz (max for 10-bit mode) is applied to IN_LCLK, this results in a 300 MHz
OUT_CLK.
Figure 27:
12-Bit Pixel Data
For 12-
bit mode, the time ‘T2’ in the above figure will be equal to 1 clock cycle of the IN_LCLK input
clock. When a frequency of 300 MHz is used for IN_LCLK (maximum in 12-bit mode), this results in a
300 MHz OUT_CLK.
OUT_CLK
DATA_OUT D[7]
D[8] D[9] D[0] D[1] D[2] D[3] D[4] D[5] D[6] D[7] D[8] D[9] D[0] D[1] D[2]
T1
OUT_CLK
DATA_OUT D[10]
D[11] D[12] D[0] D[1] D[2] D[3] D[4] D[5] D[6] D[7] D[8] D[9] D[10] D[11] D[0] D[1] D[2]
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com