| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV8000 bảng dữ liệu(PDF) 85 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 bảng dữ liệu(HTML) 85 Page - ams-OSRAM AG |
|
85 / 90 page ![]() Document Feedback CMV8000 Package Drawings & Markings Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 84 10 Package Drawings & Markings Figure 138: CMV8000 Ceramic Package Drawing Information ● All dimensions are in millimeter. ● Gold plate 0.76 min. over 2.0 μm min. nickel. ● Metallize by pin through plating, no tie bars. ● Unplated area on pin tip shall be less than 0.30 within 0.50 max from pin tip. ● NTK SPEC YA 1010 shall apply. ● No blisters on Au after 3 minutes (in air) at 350 °C as seen under 10x magnification. ● Excess Au plating on alumina coat is acceptable. |