| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV8000 bảng dữ liệu(PDF) 77 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 bảng dữ liệu(HTML) 77 Page - ams-OSRAM AG |
|
77 / 90 page ![]() Document Feedback CMV8000 Register Description Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 76 8.2.50 V_PC Register (Address 91) Figure 119: V_PC Register Addr: 91 V_PC Bit Bit Name Default Access Bit Description [7:0] v_pc 224 Sets the pixel pre-charge voltage 8.2.51 V_PCHIGH Register (Address 92) Figure 120: V_PCHIGH Register Addr: 92 V_PCHIGH Bit Bit Name Default Access Bit Description [7:0] v_pchigh 224 Sets the pixel pre-charge voltage during extra VPCHIGH pulse 8.2.52 V_TGLOW1 Register (Address 94) Figure 121: V_TGLOW1 Register Addr: 94 V_TGLOW1 Bit Bit Name Default Access Bit Description [6:0] v_tglow1 64 Sets the pixel transfer gate low voltage |