công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMV8000 bảng dữ liệu(PDF) 24 Page - ams-OSRAM AG

tên linh kiện CMV8000
Giải thích chi tiết về linh kiện  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 bảng dữ liệu(HTML) 24 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 20Page - ams-OSRAM AG CMV8000 Datasheet HTML 21Page - ams-OSRAM AG CMV8000 Datasheet HTML 22Page - ams-OSRAM AG CMV8000 Datasheet HTML 23Page - ams-OSRAM AG CMV8000 Datasheet HTML 24Page - ams-OSRAM AG CMV8000 Datasheet HTML 25Page - ams-OSRAM AG CMV8000 Datasheet HTML 26Page - ams-OSRAM AG CMV8000 Datasheet HTML 27Page - ams-OSRAM AG CMV8000 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 23
Figure 14:
Supply Power-Up and Power-Down Sequence
7.2.3
Startup & Reset Sequence
The following sequence should be followed when the sensor is started up.
The input clock should start after the rise time of the supplies. The SYS_RESN pin should be released
about 100 µs after the input clock is stable. The recommended register settings can be uploaded
100 µs after the rising edge on SYS_RESN.
The first F_REQ pulse must not be sent until the SPI upload is completed, plus a settling time. This is
to ensure that the changes programmed in the SPI upload have taken effect before an image is
captured. The settling time is mainly determined by changing the ADC gain, because the voltage the
ramp capacitor has to settle. For typical applications, the gain is changed from the default value of 32
to a value that saturates the ADC output (e.g. 39), the settling time is 8 ms. In extreme cases, when
the ADC gain would be increased to its maximum value of 63, the settling time can increase to 20 ms.
Not respecting the settling time can lead to the first images having an uneven response, or deviating
black level.
Figure 15:
Start-Up Sequence
VDD33
VDD18
VDDPIX
VRST_H
100us
100us
100us
100us
100us
100us
Supplies
IN_LCLK_N/P
SYS_RESN
SPI upload
SPI
F_REQ
Stable time
100us
100us
settling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com