| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV8000 bảng dữ liệu(PDF) 36 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 bảng dữ liệu(HTML) 36 Page - ams-OSRAM AG |
|
36 / 90 page ![]() Document Feedback CMV8000 Functional Description Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 35 In 8-channel mode, one row is read out over 8 data channels in four bursts of 112 pixels. Figure 34: Pixel Remapping for 8 Output Channels In 4-channel mode, one row is read out over 4 data channels in eight bursts of 112 pixels. Figure 35: Pixel Remapping for 4 Output Channels In 2-channel mode, one row is read out over 2 data channels in sixteen bursts of 112 pixels. Figure 36: Pixel Remapping for 2 Output Channels Output Clock Phase The sensor output clock is not aligned with the data channels. Therefore, interface training in the receiving system is needed. OUT1 Pixel 0 to 111 Pixel 112 to 223 Pixel 224 to 335 Pixel 336 to 447 OUT5 Pixel 448 to 559 Pixel 560 to 671 Pixel 672 to 783 Pixel 784 to 895 OUT9 Pixel 896 to 1007 Pixel 1008 to 1119 Pixel 1120 to 1231 Pixel 1231 to 1343 OUT25 Pixel 2688 to 2799 Pixel 2800 to 2911 Pixel 2912 to 3023 Pixel 3024 to 3135 OUT29 Pixel 3136 to 3247 Pixel 3248 to 3359 Pixel 3360 to 3471 Pixel 3472 to 3583 Row 1 OUT1 0 to 111 112 to 223 224 to 335 336 to 447 448 to 559 560 to 671 672 to 783 784 to 895 OUT5 896 to 1007 1008 to 1119 1120 to 1231 1232 to 1343 1344 to 1455 1456 to 1567 1568 to 1679 1680 to 1791 OUT17 1792 to 1903 1904 to 2015 2016 to 2127 2128 to 2239 2240 to 2351 2352 to 2463 2464 to 2575 2576 to 2687 OUT25 2688 to 2799 2800 to 2911 2912 to 3023 3024 to 3135 3136 to 3247 3248 to 3359 3360 to 3471 3472 to 3583 Row 1 OUT1 0 to 111 112 to 223 224 to 335 336 to 447 448 to 559 560 to 671 672 to 783 784 to 895 896 to 1007 1008 to 1119 1120 to 1231 1232 to 1343 1344 to 1455 1456 to 1567 1568 to 1679 1680 to 1791 OUT17 1792 to 1903 1904 to 2015 2016 to 2127 2128 to 2239 2240 to 2351 2352 to 2463 2464 to 2575 2576 to 2687 2688 to 2799 2800 to 2911 2912 to 3023 3024 to 3135 3136 to 3247 3248 to 3359 3360 to 3471 3472 to 3583 Row 1 |