công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 176 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 176 Page - ABB

Back Button OTPL40FD Datasheet HTML 172Page - ABB OTPL40FD Datasheet HTML 173Page - ABB OTPL40FD Datasheet HTML 174Page - ABB OTPL40FD Datasheet HTML 175Page - ABB OTPL40FD Datasheet HTML 176Page - ABB OTPL40FD Datasheet HTML 177Page - ABB OTPL40FD Datasheet HTML 178Page - ABB OTPL40FD Datasheet HTML 179Page - ABB OTPL40FD Datasheet HTML 180Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 192 page
background image
OZXB8
OZXB9
—
Terminal clamp sets for Al- and Cu-cables, insulated versions
Suitable
for switches
Cable cross
section
Type
Order code
Units/
type
Weight/
unit
mm²
pcs
kg
OTM40…125
16...50 Al, 2.5...50 Cu
OZXT1 **)
1SCA022469R6310
3
0.05
OTM63…125
2x(16...50) Al/Cu
OZXT3
1SCA022639R0720
3
0.21
Including 0.75...2.5 mm² voltage sensing connection. Voltage sensing wires are not included
OTM40...125
16...50 Al/2.5...50 Cu
OZXT6
1SCA122537R1001
3
0.06
**) In=63 A
—
Terminal clamp sets for Al- and Cu-cables
All terminal clamp deliveries include a 6 piece bolt set:
OZXE51 (M8x25), OZXE54 (M10x30) and OZXE3 (M12x40)
Suitable
for switches
Cable cross
section
Suitable
shroud type
Terminal
clamp type
Order code
Units/
type
Weight/
unit
mm²
pcs
kg
OTM40…125
10...70
OZXL1
1SCA022439R6770
3
0.14
10...70
OZXL1/1
1SCA022469R6220
1
0.05
OZXB type Al/Cu connectors made of stainless steel
OTM160EV...250
10...70
OTS250_L
OZXB1L
1SCA022169R2030
3
0.15
10...70
OTS250_L
OZXB1L/1
1SCA022194R0030
1
0.05
25...120
OZXB2K
OZXB2
1SCA022119R7610
3
0.34
25...120
OZXB2K
OZXB2/1
1SCA022194R0200
1
0.12
25...120
OZXB2K
OZXB2L
1SCA022158R7750
3
0.43
25...120
OZXB2K
OZXB2L/1
1SCA022194R0460
1
0.15
95...185
OTS250_L
OZXB8
1SCA022744R1510
3
0.50
95...185
OTS250_L
OZXB8/1
1SCA022744R1600
1
0.15
95...240
OTS250_L
OZXB9
1SCA022750R3210
3
0.50
95...240
OTS250_L
OZXB9/1
1SCA022750R3300
1
0.14
OTM315...400
25...120
OZXB2K
OZXB2L
1SCA022158R7750
3
0.43
25...120
OZXB2K
OZXB2L/1
1SCA022194R0460
1
0.15
95…185
OZXB3K
OZXB3
1SCA022136R8100
3
1.28
95…185
OZXB3K
OZXB3/1
1SCA022194R0620
1
0.13
2x(95…185)
OZXB3K
OZXB4
1SCA022137R4760
3
1.71
2x(95…185)
OZXB3K
OZXB4/1
1SCA022194R0890
1
0.60
120...240
OZXB5K
OZXB7
1SCA022185R0040
3
1.00
120...240
OZXB5K
OZXB7/1
1SCA022194R1430
1
0.34
120...240
OZXB5K
OZXB7L
1SCA022185R7130
3
1.20
120...240
OZXB5K
OZXB7L/1
1SCA022194R1600
1
0.39
95...185
OTS400_L
OZXB8
1SCA022744R1510
3
0.50
95...185
OTS400_L
OZXB8/1
1SCA022744R1600
1
0.15
95...240
OTS400_L
OZXB9
1SCA022750R3210
3
0.50
95...240
OTS400_L
OZXB9/1
1SCA022750R3300
1
0.14
OTM630…800
120…300
OZXB4K
OZXB5
1SCA022137R2470
3
2.22
120…300
OZXB4K
OZXB5/1
1SCA022194R1010
1
0.80
2x(120…300)
OZXB4K
OZXB6
1SCA022137R4920
3
3.03
2x(120…300)
OZXB4K
OZXB6/1
1SCA022194R1270
1
1.00
—
Accessories for motorized switch-disconnectors
Ordering information terminal clamps
OZXB1L
OZXB2
OZXB2L
OZXB3
OZXB4
OZXB7
OZXT1
OZXT6
176
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
176
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More