công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 175 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 175 Page - ABB

Back Button OTPL40FD Datasheet HTML 171Page - ABB OTPL40FD Datasheet HTML 172Page - ABB OTPL40FD Datasheet HTML 173Page - ABB OTPL40FD Datasheet HTML 174Page - ABB OTPL40FD Datasheet HTML 175Page - ABB OTPL40FD Datasheet HTML 176Page - ABB OTPL40FD Datasheet HTML 177Page - ABB OTPL40FD Datasheet HTML 178Page - ABB OTPL40FD Datasheet HTML 179Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 192 page
background image
OTS1600G1L
OTS1600G1S
OTS4000G1S/4
OTS4000G1S/3
OTS2500G1S
OTS125T1
—
Terminal shrouds for OTM switches, snap-on mounting, transparent
Suitable for switches
Type
Order code
Weight/unit
kg
OTM40…125, 3 pole
OTS125T3
1SCA022379R9680
0.01
OTM40...125, for fourth pole
OTS125T1
1SCA022379R9760
0.01
—
Terminal shrouds for OTM switches, snap-on mounting, grey
Pack of single pole shrouds, IP3X.
Suitable for switches
Description Type
Order code
Units/
type
Weight/
unit
pcs
kg
For 3-pole OTM switches
OTM160...250
Long type
OTS250G1L/3
1SCA022731R8150
3
0.09
Short type
OTS250G1S/3
1SCA022731R8310
3
0.06
OTM315…400
Long type
OTS400G1L/3
1SCA022736R8840
3
0.15
Short type
OTS400G1S/3
1SCA022736R9060
3
0.09
OTM630…800
Long type
OTS800G1L/3
1SCA022776R7890
3
0.32
Short type
OTS800G1S/3
1SCA022776R8190
3
0.17
OTM1000...1600
Long type
OTS1600G1L/3
1SCA022871R9510
3
0.60
Short type
OTS1600G1S/3
1SCA022871R9600
3
0.40
OTM2000…2500
Long type
OTS2500G1L/3
1SCA107261R1001
3
1.00
Short type
OTS2500G1S/3
1SCA107260R1001
3
0.50
OTM3200…4000
Long type
OTS4000G1L/3
1SCA129042R1001
3
1.0
Short type
OTS4000G1S/3
1SCA129044R1001
3
1.2
For 4-pole OTM switches
OTM160...250
Long type
OTS250G1L/4
1SCA022731R8230
4
0.12
Short type
OTS250G1S/4
1SCA022731R8400
4
0.08
OTM315…400
Long type
OTS400G1L/4
1SCA022736R9490
4
0.20
Short type
OTS400G1S/4
1SCA022736R9650
4
0.12
OTM630…800
Long type
OTS800G1L/4
1SCA022776R7970
4
0.42
Short type
OTS800G1S/4
1SCA022776R8270
4
0.26
OTM1000...1600
Long type
OTS1600G1L/4
1SCA022871R9780
4
0.80
Short type
OTS1600G1S/4
1SCA022871R9860
4
0.50
OTM2000…2500
Long type
OTS2500G1L/4
1SCA107262R1001
4
1.30
Short type
OTS2500G1S/4
1SCA107271R1001
4
0.70
OTM3200…4000
Long type
OTS4000G1L/4
1SCA129043R1001
4
1.4
Short type
OTS4000G1S/4
1SCA129045R1001
4
1.6
OTS400G1S
OTS800G1S
OTS2500G1L
OTS125T3
—
Accessories for motorized switch-disconnectors
Ordering information for terminal shrouds
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
175
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More