| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 100 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 100 Page - ABB |
|
100 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings 83 3.27 13,5 0.53 40 1.57 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 50 1.97 80 3.15 80 3.15 80 3.15 3-pole: 294 / 11.57 4-pole: 374 / 14.72 131,5 5.18 50,5 1.99 3-pole: 334,5 / 13.17 4-pole: 414,5 / 16.32 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 6 0.24 mm in M8 83 3.27 13,5 0.53 40 1.57 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 50 1.97 80 3.15 80 3.15 80 3.15 3-pole: 294 / 11.57 4-pole: 374 / 14.72 131,5 5.18 50,5 1.99 3-pole: 334,5 / 13.17 4-pole: 414,5 / 16.32 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 6 0.24 mm in M8 83 3.27 13,5 0.53 40 1.57 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 50 1.97 80 3.15 80 3.15 80 3.15 3-pole: 294 / 11.57 4-pole: 374 / 14.72 131,5 5.18 50,5 1.99 3-pole: 334,5 / 13.17 4-pole: 414,5 / 16.32 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 6 0.24 mm in M8 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.06 42 1.65 83 3.27 6 0.24 13,5 0.53 40 1.57 50 1.97 80 3.15 80 3.15 164 6.46 50,5 1.99 61,3 2.41 3-pole: 395,8 / 15.58 4-pole: 475,8 / 18.73 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 131,5 5.18 3-pole: 294 / 11.57 4-pole: 374 / 14.72 mm in M8 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.06 42 1.65 83 3.27 6 0.24 13,5 0.53 40 1.57 50 1.97 80 3.15 80 3.15 164 6.46 50,5 1.99 61,3 2.41 3-pole: 395,8 / 15.58 4-pole: 475,8 / 18.73 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 131,5 5.18 3-pole: 294 / 11.57 4-pole: 374 / 14.72 mm in M8 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.06 42 1.65 83 3.27 6 0.24 13,5 0.53 40 1.57 50 1.97 80 3.15 80 3.15 164 6.46 50,5 1.99 61,3 2.41 3-pole: 395,8 / 15.58 4-pole: 475,8 / 18.73 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 131,5 5.18 3-pole: 294 / 11.57 4-pole: 374 / 14.72 mm in M8 OT1600 Mechanism at the end of the switch OT1600 Mechanism between the poles Main dimensions mm, inches 100 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 100 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |