công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 95 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 95 Page - ABB

Back Button OTPL40FD Datasheet HTML 91Page - ABB OTPL40FD Datasheet HTML 92Page - ABB OTPL40FD Datasheet HTML 93Page - ABB OTPL40FD Datasheet HTML 94Page - ABB OTPL40FD Datasheet HTML 95Page - ABB OTPL40FD Datasheet HTML 96Page - ABB OTPL40FD Datasheet HTML 97Page - ABB OTPL40FD Datasheet HTML 98Page - ABB OTPL40FD Datasheet HTML 99Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT160...800 with wide phase distance, base mounting, IEC
OT315_WP and OT400_WP
70
M5
26
58
Ø11
5
12,5
150
75
54
A
25
140 120
220
185
33
40
(OXP 12x185)
165...245
85
22
20 min
M00019/OT400U/E01_04W/ES G
OT315/400
[mm]
E01W
E02W
E03W
E04W
A
113
167
221
275
A1
88
142
196
250
B1106
160
214
268
C1124
178
232
286
Remark: Dimension drawings for types
OT1000_W_P...OT1600_W_P, see page
98 and OT2000...2500_W_P, see page
101.
70
M5
26
58
Ø11
5
12,5
150
75
54
A
25
140 120
220
185
33
40
(OXP 12x185)
165...245
85
22
20 min
M00019/OT400U/E01_04W/ES G
OT315/400
[mm]
E01W
E02W
E03W
E04W
A
113
167
221
275
A1
88
142
196
250
B1106
160
214
268
C1124
178
232
286
Main dimensions mm
OT315/400
[mm]
E01W
E02W
E03W
E04W
A
113
167
221
275
A1
88
142
196
250
B1
106
160
214
268
C1
124
178
232
286
M00019/OT400U/E01_04W/ES G
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
95
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More